Part Number Hot Search : 
BC107 C4015 063EB 00K1T SZ355B G431M 25FR120M AS2591
Product Description
Full Text Search
 

To Download MN3880S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCD Delay Line Series
MN3880S
NTSC CCD Video Signal Delay Element
Overview
The MN3880S is a CCD signal delay element for video signal processing applications. It contains such components as a shift register clock driver, charge I/O blocks, two CCD delay elements, a clamp bias circuit, resampling output amplifiers, and booster circuits. The MN3880S samples the input using the supplied clock signal with a frequency of 7.15909 MHz, twice the NTSC color signal subcarrier frequency, and after adding in the attached filter delay, produces independent delays of 1 H (the horizontal scan period) each for the two lines.
Pin Assignment
VBIASC VOC N.C. VDD -VBB N.C.
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VINC N.C. N.C. X1 VSS N.C. N.C. VINY
Features
Single 4.9 V power supply Single chip combining luminance signal delay element and delay element for chrominance signal after passing through a low pass filter
VOY VBIASY
(TOP VIEW) SOP016-P-0225
Applications
VCRs
1
MN3880S
Block Diagram
CCD Delay Line Series
12
4
Bias circuit VINC 16 Charge input block Charge detection block Resampling output amplifier 2
CCD 454 stages
1
VBIASC
VDD
VSS
VOC
oS driver
o1 driver
o2 driver
oR driver
oSH driver oSH driver
Timing adjustment
XI
13 Waveform amplitude adjustment block
Timing adjustment
oS driver
o1 driver
o2 driver
oR driver
oSH driver oSH driver
Clamp circuit VINY 9 Charge input block 5 Charge detection block Resampling output amplifier 8 7 VOY
CCD 454 stages
-VBB
2
VBIASY
CCD Delay Line Series
Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol VBIASC VOC N.C. VDD -VBB N.C. VOY VBIASY VINY N.C. N.C. VSS XI N.C. N.C. VINC Pin Name Output gate connection (C) Signal output (C) No connection Power supply Substrate connection No connection Signal output (Y) Output gate connection (Y) Signal output (Y) No connection No connection GND Clock input No connection No connection Signal output (C)
MN3880S
Remarks
Negative voltage pin
3
MN3880S
Application Circuit Example
10F
- +
CCD Delay Line Series
VBIASC
(0.01F)
12 VSS
0.1F
4 VDD
Bias circuit VINC 16 (0.01F) Charge input block CCD 454 stages Charge detection block Resampling output amplifier 2 VOC
oS driver
o1 driver
o2 driver
oR driver
oSH driver oSH driver
Timing adjustment
XI 13 1000pF
Waveform amplitude adjustment block
Timing adjustment
oS driver
o1 driver
o2 driver
oR driver
oSH driver oSH driver
Clamp circuit VINY 9 -+ 0.47F Charge input block
-VBB 5
1
CCD 454 stages
Charge detection block
Resampling output amplifier
8
7
VOY
(0.01F)
VBIASY
(0.01F)
Note: If the external capacitor attached to pin 5 is an electrolytic capacitor, attach the negative pole to pin 5.
4
CCD Delay Line Series
Package Dimensions (Unit:mm)
SOP016-P-0225
MN3880S
10.100.20 16 9 1.100.20
4.300.20 6.500.20
1
8
1.500.20 1.60 -0.20
+0.50
0.15 -0.05
+0.10
0 to 10 0.40min.
(0.6)
1.27
0.400.10 SEATING PLANE
0.100.10
5


▲Up To Search▲   

 
Price & Availability of MN3880S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X